Part Number Hot Search : 
ADUM2200 ROCHI LTC665 IRS21 UPA1723 SDB1200G 11SRW 05121
Product Description
Full Text Search
 

To Download APL1001J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
S G D
S
G S
SO
2 T-
27
APL1001J
1000V
18.0A 0.60W
ISOTOP(R)
"UL Recognized" File No. E145592 (S)
POWER MOS IV
MAXIMUM RATINGS
Symbol VDSS ID IDM, lLM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage
(R)
SINGLE DIE ISOTOP(R) PACKAGE
All Ratings: TC = 25C unless otherwise specified.
APL1001J UNIT Volts Amps
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
1000 18 72 30 520
Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage
1
and Inductive Current Clamped
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(ON) RDS(ON) IDSS IGSS VGS(TH)
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Current
2
Drain-Source On-State Resistance
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V)
Y R A IN IM L E R P
4.16 -55 to 150 300
MIN TYP
Volts Watts W/C C
MAX
UNIT Volts Amps Ohms A
1000 18
(VDS > I D(ON) x R DS(ON) Max, VGS = 8V)
2
(VGS = 10V, 0.5 ID [Cont.])
0.60 25
Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
250 100 2 4
nA Volts
THERMAL CHARACTERISTICS
Symbol RQJC RQCS Characteristic Junction to Case Case to Sink (Use High Efficiency Thermal Joint Compound and Planer Heat Sink Surface.) MIN TYP MAX UNIT C/W
0.24 0.06
050-5904 Rev A 3-2000
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss C rss td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6W MIN TYP MAX
APL1001J
UNIT
6100 780 285 14 14 60 14
ns pF
SAFE OPERATING AREA CHARACTERISTICS
Symbol Characteristic SOA1 Safe Operating Area Test Conditions / Part Number VDS = 400 V, IDS = 0.813A, t = 20 sec., TC = 60C MIN TYP MAX UNIT Watts
300
375
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 APT Reserves the right to change, without notice, the specifications and information contained herein. 0.3
, THERMAL IMPEDANCE (C/W)
D=0.5 0.1 0.05 0.2 0.1 0.05 0.01 0.005 0.02 0.01 SINGLE PULSE 0.001 10-5 10-4 Note:
PDM t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
Z
qJC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
11.8 (.463) 12.2 (.480) 31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594)
1.95 (.077) 2.14 (.084)
050-5904 Rev A 3-2000
30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202
Gate
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APL1001J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X